Part Number Hot Search : 
03203 MH46TAD 2N111 S93C46 MBS034M FRL234R SP233 TA78L08S
Product Description
Full Text Search
 

To Download MBRF1535CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRF1535CT THRU MBRF15100CT
Isolation 15.0 AMPS. Schottky Barrier Rectifiers
Voltage Range 35 to 100 Volts Current 15.0 Amperes
Features
Plastic material used carries Underwriters Laboratory Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for transient protection High temperature soldering guaranteed: o 260 C/10 seconds,0.25"(6.35mm)from case
ITO-220AB
.1 34 (3 .4) D IA .11 3 ( 3 .0 )D I A
.112 (2 .85 ) .10 0 ( 2 .5 5)
. 2 72 ( 6 .9 ) . 2 48 ( 6 .3 )
. 6 06 (1 5. 5) . 5 83 (1 4. 8)
Mechanical Data
Cases: ITO-220AB molded plastic body Terminals: Leads solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Mounting torque: 5 in. - lbs. max Weight: 0.08 ounce, 2.24 grams
. 11 0 (2 .8 ) .09 8 ( 2 . 5 )
. 5 43 (1 3. 8) . 5 12 (1 3. 2)
PIN 1 PIN 3 PIN 2
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol MBRF MBRF MBRF MBRF MBRF MBRF Units Type Number
1535CT 1545CT 1550CT 1560CT 1590CT 15100CT
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TC=105oC Peak Repetitive Forward Current (Rated VR, Square Wave, 20KHz) at Tc=105oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Peak Repetitive Reverse Surge Current (Note 1) Maximum Instantaneous Forward Voltage at (Note 2) IF=7.5A, Tc=25OC IF=7.5A, Tc=125OC IF=15A, Tc=25OC O IF=15A, Tc=125 C Maximum Instantaneous Reverse Current @ Tc=25 at Rated DC Blocking Voltage (Note 2) @ Tc=125 Voltage Rate of Change (Rated VR) Maximum Thermal Resistance Per Leg (Note 3) Operating Junction Temperature Range Storage Temperature Range
VRRM VRMS VDC I(AV) IFRM IFSM IRRM VF IR dV/dt
RJC TJ TSTG
35 24 35
45 31 45
50 35 50
15 15.0 150
60 42 60
90 63 90
100 70 100
V V V A A A
1.0 0.57 0.84 0.72 0.1 15.0 0.75 0.65 1.0 50.0 10,000 3.5 -65 to +150 -65 to +175
0.5 0.92 0.82 0.1 -
A
V
mA mA V/uS /W
Notes: 1. 2.0us Pulse Width, f=1.0 KHz 2. Pulse Test: 300us Pulse Width, 1% Duty Cycle 3. Thermal Resistance from Junction to Case with heatsink size of 2" x 3" x 0.25" AL-place
- 150 -
RATINGS AND CHARACTERISTIC CURVES (MBRF1535CT THRU MBRF15100CT)
FIG.1- FORWARD CURRENT DERATING CURVE
25 300
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
PEAK FORWARD SURGE CURRENT. (A)
Tj=Tj max. 8.3ms Single Half Sine Wave JEDEC Method
AVERAGE FORWARD CURRENT. (A)
RESISTIVE OR INDUCTIVE LOAD 20
250
200 150
15
10
100
5
50
0 0 50 100
o
150
0 1 10 NUMBER OF CYCLES AT 60Hz 100
CASE TEMPERATURE. ( C)
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
40
50
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER LEG
INSTANTANEOUS FORWARD CURRENT. (A)
Tj=125 0C 10
10
INSTANTANEOUS REVERSE CURRENT. (mA)
Tj=125 0C 1
Pulse Width=300 s 1% Duty Cycle 1 Tj=25 0C
0.1
Tj=75 0C
0.1
MBRF1535CT-MBRF1545CT MBRF1550CT-MBRF1560CT MBRF1590CT-MBRF15100CT
MBRF1535CT-MBRF1545CT MBRF1550CT-MBRF15100CT
0.01
Tj=25 0C 0.001
0.01 0
0.1
0.2
0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 FORWARD VOLTAGE. (V)
0
20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
4,000
Tj=25 0C f=1.0MHz Vsig=50mVp-p
FIG.6- TYPICAL TRANSIENT THERMAL CHARACTERISTICS PER LEG
100
1,000
TRANSIENT THERMAL IMPEDANCE. ( OC/W)
JUNCTION CAPACITANCE.(pF)
10.0
100
1
40 MBRF1535CT-MBRF1560CT MBRF1590CT-MBRF15100CT 10 0.1 1.0 10 REVERSE VOLTAGE. (V) 100
0.1 0.01
0.1
1 T, PULSE DURATION. (sec)
10
100
- 151 -


▲Up To Search▲   

 
Price & Availability of MBRF1535CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X